Part Number Hot Search : 
0MC11 20N50 CY7C4 CY7C4 1N4933GP SA18A MP050 A12D1
Product Description
Full Text Search
 

To Download TL494 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pulse-width-modulation control circuits TL494 features complete pwm power control circuitry uncommitted outputs for 200 ma sink or source current output control selects single-ended or push-pull operation internal circuitry prohibits double pulse at either output variable dead-time provides control over total range internal regulator provides a stable 5-v reference supply,5% circuit architecture allows easy synchronization moisture sensitivity level 3 description the TL494 incorporate on a single monolithic chip all the functions required in the construction of a pulse-width-modulation control, these devices offer the systems engineer the flexibility to tailor ordering information the power supply control circuitry to his application. the TL494 contains an error amplifier, an on-chip adjustable oscillator, a dead-time control comparator, pulse-steering control flip-flop, a 5-volt, 5% precision regulator, and output-control circuit. the error amplifier exhibits a common-mode voltage range from -0.3 volts to vcc -2 volts. the dead-time control comparator has a fixed offset that provides approximately 5% dead time when externally altered. the on-chip oscillator may be bypassed by terminating r t (pin 6) to the reference output and providing a sawtooth in put to ct (pin 5), or it may be used to drive the common circuits in synchronous multiple-rail power supplies. the uncommited output transistors provide either common-emitter or emitter-follower output capability. each device provides for push-pull or single-ended output operation, which may be selected through the output-control funct -ion. the architecture of these devices prohibits the possibility of either output being pulsed twice during push -pull operation. functional block diagram 2008 - ver. 1.2 htc TL494n 16 dip 1 / 6 device package TL494d 16 sop sop16/dip16 (top view) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 noninv input inv input feedbac k dead-time control ct rt gnd c1 noninv input inv input ref out vcc c2 e2 e1 output control error amp 1 error amp 2 oscillator reference r t c t dead time control 0.1v dead-time control comparator pwm comparator feedback error amplifier error amplifier noninverting input inverting input noninverting input inverting input + - 2 1 + - c1 pulse-steering flip-flop q1 q2 c1 e1 c2 e2 vcc vref gnd output control
pulse-width-modulation control circuits TL494 2008 - ver. 1.2 htc 2 / 6 parameter measurement information dead-time feedback r t c t (+) (-) output control ref out e2 c2 e1 c1 vcc gnd (+) (-) error vcc = 15v 150 2w 150 2w output 1 output 2 test inputs 12k 0.01uf 50k test circuit voltage at c1 voltage at c2 voltage at c t dead-time control input feedback duty circle 0.7 v 0 v threshold voltage 0% max threshold voltage 0% 0 vcc 0 vcc figure 1. operational test circuit and waveforms
pulse-width-modulation control circuits TL494 2008 - ver. 1.2 htc 3 / 6 + - + - vref other amplifier feedback terminal amplifier under test figure 2. amplifier characteristics test circuit (each output circuit) output c l =15pf (includes probe and jig capacitance) 15 v 68 2 w 90% 10% 90% 10% t f t r output voltage waveform figure 3. common-emitter configuration test circuit (each output circuit) 15 v c l =15pf (includes probe and jig capacitance) 68 2 w 90% 90% 10% 10% t f t r output voltage waveform figure 4. emitter-follower configuration
pulse-width-modulation control circuits TL494 absolute maximum ratings over operating free-air temperature range recommended operating conditions electrical characteristics over recommended operatng free-air temperature range, vcc=15v, f= 10 khz(unless otherwise noted). oscillator section (see figure 1) 2008 - ver. 1.2 htc 1 t a = min to max 4 / 6 frequency change with temperature**** c t =0.01 f, r t =12k ? , khz standard deviation of frequency**** 10 % frequency change with voltage 0.1 frequency 10 ma parameter test conditions* value unit min typ** max short-circuit output current*** vref = 0 35 unit v mv output voltage change with temperature t a = min to max 0.2 1 % operating free-air temperature, t a -40 85 o c oscillator frequency 1 300 khz parameter value unit v vcc=7v to 40v, t a =25oc unit v ma o c storage temperature range -65 to 150 lead temperature 1,6 mm from case for 10 seconds 260 and t a constant all values of vcc, c t ,r t , c t =0.01 f, r t =12k ? output regulation io = 1ma to 10ma 1 15 4.75 5 5.25 input regulation vcc = 7v to 40 v 2 25 min typ** max output voltage (vref) lo = 1ma parameter test conditions* value timing resistor, r t 1.8 500 k ? timing capacitor, c t 0.47 10000 nf current into feedback terminal 0.3 ma collector output current (each transistor) 200 amplifier input voltage, vi -0.3 vcc -2 collector output voltage, vo 40 min max supply voltage, vcc 7 40 amplifier input voltage vcc +0.3 collector output voltage 41 collector output current 250 operating free-air temperature range -40 to 125 rating value supply voltage, vcc 41
pulse-width-modulation control circuits TL494 electrical characteristics over recommended operating free-air temperature range, vcc=15v, f=10khz (unless otherwise noted) amplifier section (see figure 2) *for conditions shown as min or max, use the appropriate value specified under recommended operating conditions. ** all typical values except for parameter changes with temperature are at ta =25 oc *** duration of the short-circuit should not exceed one second. **** standard deviation is a measure of the statistical distribution about the mean as derived from the formula. ***** temperature coefficient of timing capacitor and timing resistor not taken into account. output section dead-time control-section (see figure 1) pmw comparator section (see figure 1) 2008 - ver. 1.2 htc 5 / 6 average supply current v i (pin 4)= 2v 7.5 610 ma and outputs open v cc =40v 915 standby supply current pin 6 at vref, all other inputs v cc =15v ma total device parameter test conditions min. typ* max. unit input sink current (pin 3) v(pin3) = 0.7v 0.3 0.7 max. unit input threshold voltage (pin3) zero duty cycle 4 4.5 v parameter test conditions min. typ* 3.3 v maximum duty cycle 0 input threshold voltage(pin 4) zero duty cycle 3 -10 ? maximum duty cycle, each output v i (pin 4) =0, c t =0.1uf, r t =12k ? 45 % input bias current(pin4) v i =0 to 5.25v -2 3.5 ma parameter test conditions min. typ* max. unit output control input current v i =vref 1.1 1.3 v emitter-follower vc=15v, i e =-200ma 1.5 2.5 collector-emitter saturation voltage common-emitter v e =0, i c =200ma 100 ? emitter off-state current v cc =v c =40v,v e =0 -100 collector off-state current v ce =40v, vcc=40v 2 ma parameter test conditions min. typ* max. unit output source current (pin 3) v id =15mv~5v, v( pin3 )=3.5v -2 db output sink current (pin 3) v id =-15mv~-5v, v( pin3 )=0.7v 0.3 0.7 ma common-mode rejection ratio vo= 40v, t a = 25 o c 65 80 db unity-gain bandwidth vo=0.5~3.5v, r l =2k ? 800 khz open-loop voltage amplification vo=3v, r l =2k ? , vo=0.5~3.5v 70 95 1 ? common-mode input voltage range vcc = 7v to 40v -0.3~-2 v input bias current vo(pin 3)=2.5v 0.2 10 ? input offset current vo(pin 3)=2.5v 25 250 na input offset voltage vo(pin 3)=2.5v 2 symbol test conditions min. typ**. max. unit
pulse-width-modulation control circuits TL494 switching characteristics, t a = 25 o c 2008 - ver. 1.2 htc * all typical values except for temperature coefficient are at t a = 25 o c 6 / 6 100 200 output voltage fall time 40 100 200 ns output voltage fall time 25 100 output voltage rise time emitter-follower configuration output voltage rise time common-emitter configuration 100 parameter test conditions min. typ* max. unit 1.0 5.0 20 k 50 200 500 1.0 500 1.0 10 k 100 500 t osc - r t timing resistance oscillator frequency t osc (hz) saturation voltage v ce (sat) (v) v ce - i e 0 100 200 300 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 emitter current i e (ma) saturation voltage v ce (sat) (v) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 v ce ( sat ) - i c 0 100 200 300 collector current i c () open-loop voltage gain a vol (db) 1.1 10 100 1.0k 10k 100k 1.0m frequency f(hz) 0 10 20 30 40 50 60 70 80 90 100 vcc=15v vo=3.0v rl=2.0? 180 160 140 120 100 80 60 40 20 0 excess phase (degrees) supply current icc (ma) 0 5.0 10 15 20 25 30 supply voltage vcc (v) 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 35 40 i cc - v cc


▲Up To Search▲   

 
Price & Availability of TL494

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X